Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFID KIT Datasheet (PDF) - Axiomtek Co., Ltd.

RFID KIT Datasheet PDF - Axiomtek Co., Ltd.
Part # RFID KIT
Download  RFID KIT Download
File Size   555.34 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 18.5" FHD TFT Multi-touch Panel Computer with Intel® Celeron® Processor J6412

RFID KIT Datasheet (PDF)

Go To PDF Page Download Datasheet
RFID KIT Datasheet PDF - Axiomtek Co., Ltd.

Part # RFID KIT
Download  RFID KIT Click to download

File Size   555.34 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 18.5" FHD TFT Multi-touch Panel Computer with Intel® Celeron® Processor J6412

RFID KIT Datasheet (HTML) - Axiomtek Co., Ltd.


RFID KIT Product details

Features
● 18.5" FHD projected capacitive multi-touch widescreen
● Fanless design with Intel® Celeron® processor J6412 (Elkhart Lake)
● Supports WLAN module and antenna (optional)
● Operating temperature: -10°C to +50°C
● 2 LAN, 4 USB, 1 COM, 1 HDMI, and 1 VGA
● IP65-rated aluminum front bezel
● Supports panel mount, VESA mount, desktop stand, and wall mount




Similar Part No. - RFID KIT

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RFID KIT AXIOMTEK-RFID KIT Datasheet
541Kb / 3P
21.5" FHD TFT Multi-touch Panel Computer with Intel® Celeron® Processor J6412
Mar. 11, 2025.
More results


Similar Description - RFID KIT

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_17 Datasheet
513Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel Celeron Processor
GOT3187WL-834-PCT AXIOMTEK-GOT3187WL-834-PCT Datasheet
491Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel Celeron Processor
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
Advantech Co., Ltd.
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
TPC-1282T ADVANTECH-TPC-1282T Datasheet
656Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 5th Gen. Intel® Celeron® Processor
5-Jan-2021
TPC-1881WPH ADVANTECH-TPC-1881WPH Datasheet
784Kb / 2P
18.5 FHD TFT LED LCD Intel® 4th Generation Core i5 Multi-Touch Panel Computer
5-Jan-2021
UTC-515 ADVANTECH-UTC-515_V04 Datasheet
855Kb / 4P
15.6" Ubiquitous Touch Computer UTC-515J with Intel® Celeron® J6412
27-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com